Part Number Hot Search : 
R16V2 C8799 N25Q8 BCAP0350 AD7658 7100R MGF0905A BTA20
Product Description
Full Text Search
 

To Download TP03DA12D05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tp0 3 da s eries www.gztoppower.com tel:0086-20-82019000 ema il:sales2@gztoppower.com page 1 of 4 description the rated output power of tp03da converters is 3w,t he outline dimensions is "31.75*20.32*11.2", 2:1 and 4:1 wide input voltage range,the voltage range is 4.9v-9v,9v-18v,18v-36v,36v-72v,9v-36v and 18v-72vdc .the accuracy of the converter can reach 1% ,it can be widely used in t elecommunications, railway transportation, instrument and etc. 3w wide range input voltage dc/dc converters features 3w output power 2:1 and 4:1 wide input voltage range over load protection 31.75mm*20.32mm*11.2mm standard package fixed switching frequency operating temperature: -40 to 85 metal shell packaging rohs compliant 3kvdc isolated selection guide part number input vlotage output efficiency(typ) % maxium capacitive load u f) voltage vdc) voltage vdc) current a rated range values tp03da05s05 5(2:1) 4.5-9 5 0.6 73 1000 tp03da05d05 5(2:1) 4.5-9 5 0.3 73 850 tp03da12s03 12(2:1) 9-18 3.3 0.6 73 2200 tp03da12s05 12(2:1) 9-18 5 0.6 74 1500 tp03da12s12 12(2:1) 9-18 12 0.25 75 660 tp03da12s15 12(2:1) 9-18 15 0.2 75 470 TP03DA12D05 12(2:1) 9-18 5 0.3 76 850 tp03da12d12 12(2:1) 9-18 12 0.125 78 140 tp03da12d15 12(2:1) 9-18 15 0.1 79 47 tp03da24s03 24(2:1) 18-36 3.3 0.6 74 2200 tp03da24s05 24(2:1) 18-36 5 0.6 76 1500 tp03da24s12 24(2:1) 18-36 12 0.25 76 660 tp03da24s15 24(2:1) 18-36 15 0.2 76 470 tp03da24d05 24(2:1) 18-36 5 0.3 78 850 tp03da24d12 24(2:1) 18-36 12 0.125 79 140 tp03da24d15 24(2:1) 18-36 15 0.1 79 47 tp03da48s03 48(2:1) 36-72 3.3 0.6 74 2200 tp03da48s05 48(2:1) 36-72 5 0.6 76 1500 tp03da48s12 48(2:1) 36-72 12 0.25 78 660 tp03da48s15 48(2:1) 36-72 15 0.2 78 470 tp03da48d05 48(2:1) 36-72 5 0.3 79 850 tp03da48d12 48(2:1) 36-72 12 0.125 79 140 tp03da48d15 48(2:1) 36-72 15 0.1 80 47 tp03da24s05w 24(4:1) 9-36 5 0.6 75 1500 tp03da24s12w 24(4:1) 9-36 12 0.25 75 660 tp03da24s15w 24(4:1) 9-36 15 0.2 75 470 tp03da24d05w 24(4:1) 9-36 5 0.3 77 850 tp03da24d12w 24(4:1) 9-36 12 0.125 78 140 tp03da24d15w 24(4:1) 9-36 15 0.1 78 47 tp03da48s05w 48(4:1) 18-72 5 0.6 75 1500 tp03da48s12w 48(4:1) 18-72 12 0.25 77 660 tp03da48s15w 48(4:1) 18-72 15 0.2 77 470 tp03da48d05w 48(4:1) 18-72 5 0.3 78 850 tp03da48d12w 48(4:1) 18-72 12 0.125 78 140 tp03da48d15w 48(4:1) 18-72 15 0.1 79 47
tp0 3 da s eries www.gztoppower.com tel:0086-20-82019000 ema il:sales2@gztoppower.com page 2 of 4 all specifications typical at ta=25c, nominal inpu t voltage and rated output current unless otherwise specified. general characteristics parameter test conditions min typ max units isolation voltage input to output 500 3000 vdc isolation resistance input to output 100m ohm seismic 10~55hz 5 g mtbf mil-hdbk-217f2 5 x 10 5 hrs over-current protection mode full input range auto recovery cooling free air convection case material metal case output characteristics parameter test conditions min typ max units voltage accuracy io=0.1 1.0 x ionom vi=vi rated 1 % line regulation viminvivimax 0.2 % load regulation io=0.1 j1.0 x ionom vimin vivimax 0.5 % auxiliary voltage accuracy main load and auxiliary load differ 25%,the auxilia ry circuit of the load with at least 25%, the main cir cuit with full load 3 % ripple and noise 20mhz bandwidth 1 % over-current protection viminvivimax 120 % transient recovery time 25% load change 5 % transient overshoot range 25% load change 400 us switch frequency viminvivimax 30 khz input characteristics parameter test conditions min typ max units startup voltage 5v input module(4.5v -9v) 4.5 5 9 vdc startup voltage 12v input module(9v -18v) 8.8 9 9.3 vdc startup voltage 24v input module(18v-36v) 18 vdc startup voltage 48v input module(36v-72v ) 36 vdc startup voltage 24v input module(9v -36v) 8.8 9 9.3 vdc startup voltage 48v input module(18v-72v) 18 vdc start rising time input rising time from 5%-100 % 20 ms environment characteristics parameter test conditions min typ max units environment temperature industrial-class -25 +55 maximum case temperature industrial-class +85 storage temperature industry-class/ military ji&jii class -40 +105 relative humidity no condensation 5 90 rh(% temperature coefficient 0.02 %/  case temperature under shall not exceed the maximu m case temperature level.
tp0 3 da s eries www.gztoppower.com tel:0086-20-82019000 ema il:sales2@gztoppower.com page 3 of 4 units: mm tolerance: 0.2mm mechanical dimensions pin connection pin single output dual output 2 -vin -vin 3 -vin -vin 9 nc / 9 / com 10 nc nc 11 nc / 11 / -vout 14 +vout +vout 15 nc nc 16 -vout / 16 / com 22 +vin +vin 23 +vin +vin model selection recommend circuit: single output +vin -vin cin + +v0 cout + -v0 dc-dc tp 03 d a 24 s 05 w w:4:1 wide voltage input range output voltage s:single output d:dual output input rated voltage package type dc-dc output rated power brand name 2 3 9 (9) 10 11 (11) 23 22 16 15 14 (16) 31.75 20.32 15.24 2.54 2.54 11.20 4.00 1.00 5.08 4.57 17.78 0.50 bottom view
tp0 3 da s eries www.gztoppower.com tel:0086-20-82019000 ema il:sales2@gztoppower.com page 4 of 4 stemperature derating gr recommend circuit: dual output using attentions  module will cause irreversible damage when in the state of the input reverse polarity.  module will cause irreversible damage when in the long-term overload conditions.  module will cause irreversible damage when out of the maximum input voltage range. +vin -vin cin + +v0 cout1 + -v0 dc-dc cout2 com +  add input capacitance cin is helpful to improve th e electromagnetic compatibility, recommend cin use 47 uf-100uf of the electrolytic capacitors.  if the module connect to the digital circuits, ple ase add the cout cout1 cout2.  if cout, cout1, cout2 value is too high or lower e sr, it will cause the module instable,  the recommended value of cout, cout1, cout2 should be 100 uf/a, the current here means the output cur rent.


▲Up To Search▲   

 
Price & Availability of TP03DA12D05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X